Electronic Components Datasheet Search
  English  ▼

X  

8N40 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N40
Description  8A, 400V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N40 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N40 Datasheet HTML 1Page - Unisonic Technologies 8N40 Datasheet HTML 2Page - Unisonic Technologies 8N40 Datasheet HTML 3Page - Unisonic Technologies 8N40 Datasheet HTML 4Page - Unisonic Technologies 8N40 Datasheet HTML 5Page - Unisonic Technologies 8N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-577.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
8
A
Drain Current
Pulsed (Note 2)
IDM
32
A
Single Pulsed (Note 3)
EAS
320
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
2.5
mJ
TO-220
104
W
Power Dissipation
TO-220F1
39
W
TO-220
0.832
W/°C
Derate above 25°C
TO-220F1
PD
0.312
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 10mH, IAS = 8A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220 / TO-220F1
θJA
62.5
°C/W
TO-220
1.2
Junction to Case
TO-220F1
θJC
3.18
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com