Electronic Components Datasheet Search
  English  ▼

X  

AP2111 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111
Description  600mA CMOS LDO REGULATOR WITH ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2111 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
Jan. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
T
A
=-40
oC
T
A
= 25
oC
T
A
= 85
oC
V
IN
=4.3V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
V
IN
=4.0V
V
IN
=4.3V
V
IN
=5.0V
V
IN
=5.5V
V
IN
=6.0V
T
A
=25
oC
C
IN=1µF
C
OUT=1µF
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
A
=25
o
C
C
IN
=1µF
C
OUT
=1µF
V
IN
=5.0V
V
IN
=2.0V
V
IN
=5.5V
V
IN
=6.0V
V
IN
=2.5V
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
OUT
=4.8V
Output Current (A)
V
IN
=5.0V
V
IN
=5.3V
V
IN
=5.5V
V
IN
=6.0V
Figure 14. Output Voltage vs. Output Current
Figure 15. Output Voltage vs. Output Current
Figure 12. Output Voltage vs. Output Current
Figure 13. Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com