Electronic Components Datasheet Search
  English  ▼

X  

AP2120 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2120 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2120 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
1
Nov. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120
General Description
The AP2120 series are positive voltage regulator ICs
fabricated by CMOS process. Each of these ICs con-
sists of a voltage reference, an error amplifier, a resis-
tor network for setting output voltage, a current limit
circuit for current protection.
The AP2120 series feature high supply voltage ripple
rejection, low dropout voltage, low noise, high output
voltage accuracy, and low current consumption which
make them ideal for use in various battery-powered
devices.
The AP2120 series have 1.2V, 1.3V, 1.5V, 1.8V, 2.5V,
2.8V, 3.0V, 3.2V, 3.3V and 5.0V versions.
The AP2120 are available in standard SOT-23 package.
Features
·
Low Dropout Voltage at IOUT=100mA: 200mV
Typical (Except 1.2V, 1.3V and 1.5V Versions)
·
Low Quiescent Current: 25
µA Typical
·
High Ripple Rejection: 65dB Typical (f=1kHz)
·
Output Current: More Than 150mA
(250mA
Limit)
·
Extremely Low Noise: 15
µVrms@VOUT=1.2V,
1.3V, 1.5V (10Hz to 100kHz)
·
Excellent Line Regulation: 4mV Typical
·
Excellent Load Regulation: 12mV Typical
·
High Output Voltage Accuracy:
±2%
·
Excellent Line Transient Response and Load
Transient Response
·
Compatible with Low ESR Ceramic Capacitor (as
Low as 1
µF)
Applications
·
Mobile Phones, Cordless Phones
·
Wireless Communication Equipment
·
Portable Games
·
Cameras, Video Recorders
·
Sub-board Power Supplies for Telecom Equip-
ment
·
Battery Powered Equipment
Figure 1. Package Types of AP2120
SOT-23


Similar Part No. - AP2120

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2120N-1.2TRG1 DIODES-AP2120N-1.2TRG1 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2120N-1.3TRG1 DIODES-AP2120N-1.3TRG1 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2120N-1.5TRG1 DIODES-AP2120N-1.5TRG1 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2120N-1.8TRG1 DIODES-AP2120N-1.8TRG1 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
More results

Similar Description - AP2120

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com