Electronic Components Datasheet Search
  English  ▼

X  

AP2318 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2318
Description  600mA ULDO REGULATOR WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2318 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2318 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA ULDO REGULATOR WITH ENABLE
AP2318
1
Dec. 2010 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AP2318
SOIC-8
General Description
The AP2318 is a series of ultra low dropout regulators
optimized for low voltage applications where transient
response and minimum input voltage are critical.
The AP2318 provides current limit and thermal
shutdown. Its circuit includes a trimmed bandgap
reference to assure output voltage accuracy to be
within
±1%. On-chip thermal shutdown provides
protection against any combination of overload and
ambient temperatures that would create excessive
junction temperatures.
The AP2318 has both fixed and adjustable versions.
The 1.3V fixed versions integrate the corresponding
resistor divider. The adjustable version can set the
output voltage through two external resistors.
The AP2318 is available in the standard DFN-3
×3-8
and SOIC-8 packages.
Features
·
Wide Operating Voltage Ranges: 2.5V to 12V
·
Output Voltage Accuracy:
±1%
·
On-chip Thermal Shutdown
·
ESD: Human Body Model 3kV
Machine Model 600V
·
Operating Junction Temperature: -40oC to 125oC
Applications
·
Notebook
·
USB Device
·
Add-on Card
·
DVD Player
·
PC Motherboard
DFN-3
×3-8


Similar Part No. - AP2318

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2318A BCDSEMI-AP2318A Datasheet
709Kb / 13P
1A ULDO REGULATOR WITH ENABLE
AP2318ADN-ADJTRG1 BCDSEMI-AP2318ADN-ADJTRG1 Datasheet
709Kb / 13P
1A ULDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
AP2318AGEN-HF A-POWER-AP2318AGEN-HF Datasheet
64Kb / 4P
Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
logo
BCD Semiconductor Manuf...
AP2318AMP-ADJE1 BCDSEMI-AP2318AMP-ADJE1 Datasheet
709Kb / 13P
1A ULDO REGULATOR WITH ENABLE
More results

Similar Description - AP2318

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2318A BCDSEMI-AP2318A Datasheet
709Kb / 13P
1A ULDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_16 Datasheet
67Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com