Electronic Components Datasheet Search
  English  ▼

X  

8N90 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N90
Description  8A, 900V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N90 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N90 Datasheet HTML 1Page - Unisonic Technologies 8N90 Datasheet HTML 2Page - Unisonic Technologies 8N90 Datasheet HTML 3Page - Unisonic Technologies 8N90 Datasheet HTML 4Page - Unisonic Technologies 8N90 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-470.d
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
900
V
Gate to Source Voltage
VGSS
±30
V
Continuous Drain Current (TC=25°C)
ID
8
A
Pulsed Drain Current (Note 1)
IDM
25
A
Avalanche Current (Note 1)
IAR
6.3
A
Single Pulsed Avalanche Energy (Note 2)
EAS
850
mJ
Repetitive Avalanche Energy (Note 1)
EAR
17.1
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.0
V/ns
Power Dissipation (TC=25°C)
PD
147
W
Linear Derating Factor above TC=25°C
1.17
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=27mH, IAS=8A, VDD= 50V, RG=25Ω, Starting TJ=25°C
3. ISD ≤8A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.85
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com