Electronic Components Datasheet Search
  English  ▼

X  

AP3033 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3033
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3033 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3033 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary Datasheet
8
Jan. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3033
Typical Performance Characteristics (Continued)
(WLED forward voltage (VF)=3.2V at IF=20mA, unless otherwise noted.)
10
20
30
40
50
60
70
80
90
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Duty Cycle (%)
T
C=-40
0C
T
C=25
0C
T
C=85
0C
Figure 12. Current Limit vs. Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com