Electronic Components Datasheet Search
  English  ▼

X  

AP3768 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3768
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3768 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3768 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768
Preliminary Datasheet
1
BCD Semiconductor Manufacturing Limited
Aug. 2010 Rev. 1. 0
General Description
The AP3768 is a high performance AC/DC power sup-
ply controller for battery charger and adapter applica-
tions. The device uses Pulse Frequency Modulation
(PFM) method to build discontinuous conduction
mode (DCM) flyback power supplies.
The AP3768 provides accurate constant voltage, con-
stant current (CV/CC) regulation without requiring an
opto-coupler and secondary control circuitry. It also
eliminates the need of loop compensation circuitry
while maintaining stability. The AP3768 achieves
excellent regulation and high average efficiency, yet
meets the requirement for no-load consumption less
than 30mW.
The AP3768 has the built-in programmable cable volt-
age drop compensation function, which make it flexi-
ble to accommodate various cables with different
gauges and lengths.
The AP3768 is available in SOIC-8 package.
Features
·
Primary Side Control for Eliminating Opto-cou-
pler and Secondary CV/CC Control Circuitry
·
30mW No-load Input Power
·
Programmable Output Cable Voltage Drop Com-
pensation
·
Proprietary CC Tightening Technique to Achieve
Vertical CC Profile
·
Compensation for External Component Tempera-
ture Variations
·
Flyback Topology in DCM Operation
·
Random Frequency Adjustment to Reduce Sys-
tem EMI
·
Built-in Soft Start
·
Over Voltage Protection
·
Short Circuit Protection
·
SOIC-8 Package
Applications
·
Adapter/Chargers for Cell/Cordless Phones,
PDAs, MP3 and Other Portable Apparatus
·
LED Driver
·
Standby and Auxiliary Power Supplies
Figure 1. Package Type of AP3768
SOIC-8


Similar Part No. - AP3768

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3768 DIODES-AP3768 Datasheet
415Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
AP3768M-G1 DIODES-AP3768M-G1 Datasheet
415Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
AP3768MTR-G1 DIODES-AP3768MTR-G1 Datasheet
415Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
More results

Similar Description - AP3768

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com