Electronic Components Datasheet Search
  English  ▼

X  

9N90 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9N90
Description  9A, 900V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90 Datasheet(HTML) 2 Page - Unisonic Technologies

  9N90 Datasheet HTML 1Page - Unisonic Technologies 9N90 Datasheet HTML 2Page - Unisonic Technologies 9N90 Datasheet HTML 3Page - Unisonic Technologies 9N90 Datasheet HTML 4Page - Unisonic Technologies 9N90 Datasheet HTML 5Page - Unisonic Technologies 9N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-217.H
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25°C)
ID
9.0
A
Pulsed Drain Current (Note 2)
IDM
36
A
Avalanche Current (Note 2)
IAR
9.0
A
Avalanche Energy
Single Pulsed(Note 3)
EAS
900
mJ
Repetitive(Note 2)
EAR
28
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-247
PD
160
W
TO-3P
240
W
TO-220F1/ TO-220F
49
TO-220F2
51
Linear Derating Factor
above TC = 25°C
TO-247
1.28
W/°C
TO-3P
2.22
TO-220F1/ TO-220F
0.392
TO-220F2
0.408
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 21mH, IAS = 9.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤9.0A, di/dt ≤ 200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-247
θJA
50
°C/W
TO-3P
40
TO-220F1/ TO-220F
62.5
TO-220F2
62.5
Junction to Case
TO-247
θJC
0.78
°C/W
TO-3P
0.52
TO-220F1/ TO-220F
2.55
TO-220F2
2.45



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com