Electronic Components Datasheet Search
  English  ▼

X  

9N95 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9N95
Description  9A, 950V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N95 Datasheet(HTML) 2 Page - Unisonic Technologies

  9N95 Datasheet HTML 1Page - Unisonic Technologies 9N95 Datasheet HTML 2Page - Unisonic Technologies 9N95 Datasheet HTML 3Page - Unisonic Technologies 9N95 Datasheet HTML 4Page - Unisonic Technologies 9N95 Datasheet HTML 5Page - Unisonic Technologies 9N95 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9N95
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-721.A
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
950
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25°C)
ID
9.0
A
Pulsed Drain Current (Note 2)
IDM
36
A
Avalanche Current (Note 2)
IAR
9.0
A
Avalanche Energy
Single Pulsed(Note 3)
EAS
900
mJ
Repetitive(Note 2)
EAR
28
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
PD
160
W
Linear Derating Factor above TC = 25°C
1.28
W/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 21mH, IAS = 9.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤9.0A, di/dt ≤ 200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
0.78
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250μA
950
V
Drain-Source Leakage Current
IDSS
VDS = 950 V, VGS = 0 V
10
μA
Gate-Body Leakage Current
Forward
IGSSF
VGS = 30 V, VDS = 0 V
100
nA
Reverse
IGSSR
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature Coefficient
BV
△
DSS/△TJ
ID=250μA, Referenced to 25°C
0.99
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
3.0
5.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS = 10V, ID = 4.5A
1.05
1.4
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
2100 2730 pF
Output Capacitance
COSS
175
230
pF
Reverse Transfer Capacitance
CRSS
14
18
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 475V, ID =11.0 A,
RG = 25Ω (Note 1, 2)
50
110
ns
Turn-On Rise Time
tR
120
250
ns
Turn-Off Delay Time
tD(OFF)
100
210
ns
Turn-Off Fall Time
tF
75
160
ns
Total Gate Charge
QG
VDS = 760V, ID = 11.0A,
VGS = 10 V (Note 1,2)
45
58
nC
Gate-Source Charge
QGS
13
nC
Gate-Drain Charge
QGD
18
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com