Electronic Components Datasheet Search
  English  ▼

X  

LR1118 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1118
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1118 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1118 Datasheet HTML 1Page - Unisonic Technologies LR1118 Datasheet HTML 2Page - Unisonic Technologies LR1118 Datasheet HTML 3Page - Unisonic Technologies LR1118 Datasheet HTML 4Page - Unisonic Technologies LR1118 Datasheet HTML 5Page - Unisonic Technologies LR1118 Datasheet HTML 6Page - Unisonic Technologies LR1118 Datasheet HTML 7Page - Unisonic Technologies LR1118 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LR1118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R102-029,G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
15
V
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
0 ~ +125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
SOT-223
θJC
15
℃
/W
SOP-8
20
TO-252
8
TO-220
4
TO-263
4
ELECTRICAL CHARACTERISTICS
(TA=25℃, refer to the test circuits, TJ=-0~125℃, CO=10μF, unless otherwise specified.)
For LR1118-1.2V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA, TJ=25℃
1%
1.188
1.2
1.212
V
2%
1.176
1.224
VIN =(VOUT+2V)~15V, IOUT=0 to 1A
1.176
1.2
1.224
V
Line Regulation
ΔVOUT
VIN =(VOUT+2V)~15V, IOUT=0A
0.1
0.6
%
Load Regulation
VIN =VOUT+2V, IOUT=0 to 1A
2
3
%
Temperature Stability
0.5
%
Long Term Stability
1000 hrs, TJ=125℃
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25℃
800
1500
mA
Output Noise Voltage
eN
B=10Hz~10KHz, TJ=25℃
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25℃
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
0.88
0.98
V
IOUT= 1A
1.10
1.20
Thermal Regulation
TA=25℃, 30ms Pulse
0.01
0.10
%/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com