Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431I Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS431I Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Aug. 2011 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
1
General Description
The AS431I is a three-terminal adjustable shunt reg-
ulator with guaranteed thermal stability over a full
operation range. It features sharp turn-on characteris-
tics, low temperature coefficient and low output
impedance, which make it ideal substitute for Zener
diode in applications such as switching power supply,
charger and other adjustable regulators.
The output voltage of AS431I can be set to any value
between
VREF (2.5V)
and
the
corresponding
maximum cathode voltage (36V).
The AS431I is offered in two grade initial voltage
tolerance at 25℃, 0.5%, and 1%.
This IC is available in 3 packages: TO-92 (bulk or
ammo packing), SOT-23 and SOT-89.
Features
Programmable Precise Output Voltage from
2.5V to 36V
High Stability Under Capacitive Load
Low Minimum Cathode Current for Regulation:
10
µA (Typ.), 50µA (Max.)
Low Temperature Deviation: 4.5mV Typical
Sink Current Capacity from 50
µ A to 100mA
Low Output Noise
Wide Operating Range: -40℃ to 125℃
Applications
Charger
Voltage Adapter
Switching Power Supply
Graphic Card
Precision Voltage Reference
Figure 1. Package Type of AS431I
TO-92(Bulk Packing)
TO-92(Ammo Packing)
SOT-89
SOT-23


Similar Part No. - AS431I

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431IARTR-G1 BCDSEMI-AS431IARTR-G1 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AS431I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com