Electronic Components Datasheet Search
  English  ▼

X  

LR1120G-40-AF5-A-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1120G-40-AF5-A-R
Description  500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1120G-40-AF5-A-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1120G-40-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1120G-40-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1120G-40-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1120G-40-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR1120
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-331.g
ABSOLUTE MAXIMUM RATING (TA= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
6
V
EN Input Voltage
VEN
6
V
Power Dissipation (TA = 25°C)
PD
0.4
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-
65~ +150
°C
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
2.2 ~ 5.5
V
Junction Temperature
TJ
-40 ~ +125
°C
Ambient Temperature
TA
-40 ~ +85
°C
Note: The device is not guaranteed to function outside its operating conditions.
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 0.5V, VEN = VIN, CIN = COUT = 1μF (Ceramic), TA= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
2.2
5.5
V
Output Voltage Accuracy
ΔVOUT
IOUT = 10mA
-2
0
+2
%
Line Regulation
OUT
IN
OUT
V
×
V
Δ
V
Δ
VIN = (VOUT+0.5V) ~ 5.5V, IOUT = 1mA
0.01
0.2
%/V
Load Regulation (Note 1)
OUT
OUT
V
V
Δ
1mA<IOUT<400mA, 2.2V≤VIN<2.7V
0.6
%
1mA<IOUT<500mA, 2.7 V≤VIN≤5.5V
1
%
Quiescent Current (Note 2)
IQ
VEN = 5V, IOUT = 0mA
25
50
μA
Standby Current
ISTN-BY
VEN = 0V
0.7
1.5
μA
Current Limit
ILIMIT
RLOAD = 0Ω, 2.2V≤VIN<2.7V
0.4
0.7
1.05
A
RLOAD = 0Ω, 2.7V≤VIN≤5.5V
0.5
0.8
1.05
A
Dropout Voltage (Note 3)
VD
IOUT = 400mA, 2.2V≤VIN ≤2.7V
160
320
mV
IOUT = 500mA, 2.7V≤VIN ≤5.5V
250
400
Soft Start Time
VOUT = 2.5V, CSS = 1nF, COUT = 1μF
0.7
1
ms
EN Threshold
Logic-Low
VIL
0
0.6
V
Logic-High
VIH
1.6
5.5
V
Enable Pin Current
IEN
0.1
1
5
μA
Over Temperature Shutdown
OTS
170
°C
Over Temperature Hysteresis
OTH
30
°C
Power Supply Rejection Rate
PSRR
IOUT = 10mA, f = 10kHz
55
dB
Output Noise Voltage
eN
VOUT=1.5V,COUT=1μF,IOUT=0mA, CSS = 1nF
40
μVRMS
Note: 1. Regulation is measured at constant junction temperature by using a 2ms current pulse. Devices are tested
for load regulation in the load range from 1mA to 500mA.
2. Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN -
IOUT under no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load
current plus the ground pin current.
3. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)×98%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com