Electronic Components Datasheet Search
  English  ▼

X  

LR3966 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR3966
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR3966 Datasheet HTML 1Page - Unisonic Technologies LR3966 Datasheet HTML 2Page - Unisonic Technologies LR3966 Datasheet HTML 3Page - Unisonic Technologies LR3966 Datasheet HTML 4Page - Unisonic Technologies LR3966 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR3966
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R101-032.d
ABSOLUTE MAXIMUM RATING (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage(Survival)
VIN
0~7.0
V
Enable Input Voltage(Survival)
VEN
0~7.0
V
Power Dissipation
PD
925
mW
Operation Junction Temperature
TOPR
-40 ~ +125
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN=VO(NOM)+1V or VIN=2.5V whichever is greater, IL=10mA, CIN=68µF, COUT=33µF,
VEN=VIN-0.3V . Limits in standard typeface are for TJ=25°С, and limits in boldface type apply over the full operating
temperature range.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage Tolerance
VOUT
10mA<IL<3A
VOUT+1V<VIN<6V
-2
2
%
-3
3
Adjustable Pin Voltage
(ADJ version)
VADJ
10mA<IL<1.5A
VOUT+1.5V<VIN<6V
1.117
1.145
1.174
V
1.110
1.188
Line Regulation (Note 1)
REGLINE
VOUT+1V≤VIN≤6V
0.08
0.18
%/V
0.22
Load Regulation (Note 1, 2)
REGLOAD
10mA≤IL≤3A
0.25
0.55
%
0.6
Dropout Voltage (Note 3)
VDROP
IL=300mA
50
65
mV
80
IL=3A
480
580
680
Ground Pin Current
IGND1
IL=300mA
60
120
µA
IL=3A
60
120
IGND2
VEN<0.2V
0.1
5
µA
Output Peak Current
IPEAK
4.5
4.5
A
3.5
Enable Threshold
VIH
Output=High
VIN/2+0.5
VIN
V
VIL
Output=Low
0
VIN/2-0.5
Enable Input Current
IEN
VEN=VIN
0.05
2
µA
Thermal Shutdown Temperature
TSD
165
°С
Thermal Shutdown Hysteresis
DTSD
10
°С
Notes: 1. Output voltage line regulation is defined as the change in output voltage from the nominal value resulting
from a change in the input line voltage. Output voltage load regulation is defined as the change in output
voltage from the nominal value as the load current increases from no load to full load.
2. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are
tested for load regulation in the load range from 10mA to 3.0A
3. Dropout voltage is defined as the voltage from the input to output when output is 2% below the nominal
value. Dropout voltage specification applies only to output voltages of 2.5V and above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com