Electronic Components Datasheet Search
  English  ▼

X  

M1008 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M1008
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button M1008 Datasheet HTML 2Page - Unisonic Technologies M1008 Datasheet HTML 3Page - Unisonic Technologies M1008 Datasheet HTML 4Page - Unisonic Technologies M1008 Datasheet HTML 5Page - Unisonic Technologies M1008 Datasheet HTML 6Page - Unisonic Technologies M1008 Datasheet HTML 7Page - Unisonic Technologies M1008 Datasheet HTML 8Page - Unisonic Technologies M1008 Datasheet HTML 9Page - Unisonic Technologies M1008 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-434.a
FUNCTIONAL DESCRIPTION
Offset Error
At a level of 1/2 LSB above the nominal zero scale voltage, the first ADC code transition should come. The
offset error is defined as the deviation between the actual first code transition level with the ideal level.
Gain Error
At a level of 1/2 LSB below the nominal full-scale voltage, the last code transition should come. Gain error is
defined as the deviation of the actual difference between the first and the last code transitions and the ideal
difference between the first and the last code transitions.
Internal Register Descriptions
Address
Data Bits
Register
Name
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
0
0
0
0
0
1
3-CH
CDS
on
Clamp
Voltage
Enable
Power Down
Output
Delay
1 byte out
MUX
0
0
1
0
RGB/
BGR
Red
Green
Blue
Delay
enable
CDSCLK1
Delay
CDSCLK
2 Delay
ADCCLK
Delay
Red PGA
0
1
0
0
0
0
MSB
LSB
Green PGA
0
1
1
0
0
0
MSB
LSB
Blue PGA
1
0
0
0
0
0
MSB
LSB
Red Offset
1
0
1
MSB
LSB
Green Offset
1
1
0
MSB
LSB
Blue Offset
1
1
1
MSB
LSB
Internal Register Map
Configuration Register
The configuration register sets the M1008’s operating mode and bias levels. Bits D6 should always hold high.
Bit D5 configures the M1008 for the 3-channel(high) operation mode. Bit D4 will be set high to implement the CDS
mode operation, and be set low to implement the SHA mode operation.
Bit D3 controls the dc bias level of the M1008’s input clamp. This bit should hold high for the 4V clamp bias,
unless a CCD with a reset feed through transient exceeding 2V is applied. The clamp voltage is 3V with this bit low.
Bit D2 controls the power-down mode. With bit D2 high, the M1008 will come to a very low power “sleep” mode,
in which all register contents are retained. Bit D1 is set high for the digital output (D0~D7) delay 2ns. Bit D0
configures the output mode of the M1008. Setting the bit high can implement a single byte output mode in which only
one byte of the 16b ADC is output. Inversely, the 16b ADC output is multiplexed into two bytes.
D8
D7
D6
D5
D4
D3
D2
D1
D0
3-Channels
CDS Operation
Clamp Bias
Power-Down
Output Delay
High Byte Out
1=on (Note)
1=CDS mode
(Note)
1=4V (Note)
1=on
1=on
1=on
0
0
1
0=off
0=SHA mode
0=3V
0=off (Note)
0=off (Note)
0=off
Configuration Register Settings
Note: Power-on default value
MUX Register
The sampling channel order and 2-channel mode configuration in the M1008 are both controlled by the MUX
register. Bits D8 should hold low. Bit D7 goes into effect in the 3-channel mode or the 2-channel mode of operation.
Setting it high will sequence the MUX to sample the red channel first, then the green channel, and the last blue
channel. In the 3-channel mode, the CDSCLK2 rising edge always resets the MUX to sample the red channel first
(see timing diagrams). When bit D7 is set low, the channel order is reversed to blue first, green second, and red third,
the CDSCLK2 rising edge will always reset the MUX to sample the blue channel first. Bits D6, D5, and D4 go into
effect when operating in 1 or 2-channel mode. Bit D6 is set high to sample the red channel. Bit D5 is set high to
sample the green channel. Bit D4 is set high to sample the blue channel. The MUX remains stationary during
1-channel mode. Setting two of Bits D4~D6 high to configure the two channel mode, and the sequence of sampling
is selected by bit D7. Bits D0~D3 are applied to controlling CDSCLK1, CDSCLK2 and ADCCLK internal delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com