Electronic Components Datasheet Search
  English  ▼

X  

M2107 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2107
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107 Datasheet(HTML) 1 Page - Unisonic Technologies

  M2107 Datasheet HTML 1Page - Unisonic Technologies M2107 Datasheet HTML 2Page - Unisonic Technologies M2107 Datasheet HTML 3Page - Unisonic Technologies M2107 Datasheet HTML 4Page - Unisonic Technologies M2107 Datasheet HTML 5Page - Unisonic Technologies M2107 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2107
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R105-017,E
SINGLE OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2107 is the single operational amplifier of ultra
miniature surface mount package. It has features of low operating
supply voltage and low saturation output voltage. It is suitable for
small electronic equipments and hybrid circuits.
FEATURES
*Operating Voltage
(V
+/V- =±1.0V to±3.5V)
*Low Output Saturation:
(4Vp-p at single 5V supply)
*V
- Shield Plate Between +Input and -Input
*Suitable Pin Arrangement for Application
*Bipolar Technology
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
5
M2107L-AF5-R
M2107G-AF5-R
SOT-25
I
+
V
-
I
-
O
V
+
Tape Reel
Note: Pin Assignment: I: VIN O: Output
MARKING


Similar Part No. - M2107

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2107 UTC-M2107 Datasheet
131Kb / 6P
LINEAR INTEGRATED CIRCUIT
logo
RAF ELECTRONIC HARDWARE
M2107-2545-AL RAF-M2107-2545-AL Datasheet
85Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-2545-SS RAF-M2107-2545-SS Datasheet
85Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-AL RAF-M2107-3005-AL Datasheet
91Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-N RAF-M2107-3005-N Datasheet
91Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2107

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com