Electronic Components Datasheet Search
  English  ▼

X  

M28S Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M28S
Description  AUDIO OUTPUT DRIVER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M28S Datasheet(HTML) 1 Page - Unisonic Technologies

  M28S Datasheet HTML 1Page - Unisonic Technologies M28S Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M28S
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R201-015,Ca
AUDIO OUTPUT DRIVER
AMPLIFIER
FEATURES
* Excellent HFE Linearity
* High DC Current Gain
* High Power Dissipation
APPLICATION
* Audio Output Driver Amplifier
* General Purpose Switch
TO-92
SOT-23
1
3
2
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
M28S-x-AE3-R
M28SL-x-AE3-R
M28SG-x-AE3-R
SOT-23
E
C
B
Tape Reel
M28S-x-T92-B
M28SL-x-T92-B
M28SG-x-T92-B
TO-92
E
C
B
Tape Box
M28S-x-T92-K
M28SL-x-T92-K
M28SG-x-T92-K
TO-92
E
C
B
Bulk
M28S-x-T92-R
M28SL-x-T92-R
M28SG-x-T92-R
TO-92
E
C
B
Tape Reel
MARKING
NBJ
L: Lead Free
G: Halogen Free


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
M28S HTSEMI-M28S Datasheet
304Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
logo
STMicroelectronics
BC139 STMICROELECTRONICS-BC139 Datasheet
116Kb / 3P
AUDIO OUTPUT AMPLIFIER
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
M28S UTC-M28S_15 Datasheet
131Kb / 3P
AUDIO OUTPUT DRIVER AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com