Electronic Components Datasheet Search
  English  ▼

X  

M7240 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M7240
Description  3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7240 Datasheet(HTML) 7 Page - Unisonic Technologies

  M7240 Datasheet HTML 1Page - Unisonic Technologies M7240 Datasheet HTML 2Page - Unisonic Technologies M7240 Datasheet HTML 3Page - Unisonic Technologies M7240 Datasheet HTML 4Page - Unisonic Technologies M7240 Datasheet HTML 5Page - Unisonic Technologies M7240 Datasheet HTML 6Page - Unisonic Technologies M7240 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M7240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-682.a
APPLICATION INFORMATION(Cont.)
DIFFERENTIAL INPUT
The input can accept differential voltages anywhere within the common mode range of the input amplifier, or
specifically from 0.5V below the positive supply to 1V above the negative supply. In this range, the system has a
CMRR of 86dB typical. However, care must be exercised to assure the integrator output does not saturate. A worst
case condition would be a large positive common mode voltage with a near full scale negative differential input
voltage. The negative input signal drives the integrator positive when most of its swing has been used up by the
positive common mode voltage. For these critical applications the integrator output swing can be reduced to less
than the recommended 2V full scale swing with little loss of accuracy. The integrator output can swing to within 0.3V
of either supply without loss of linearity.
REFERENCE VOLTAGE CAPACITOR
The reference voltage can be generated anywhere within the power supply voltage of the converter. The main
source of common mode error is a roll-over voltage caused by the reference capacitor losing or gaining charge to
stray capacity on its nodes. If there is a large common mode voltage, the reference capacitor can gain charge
(increase voltage) when called up to de-integrate a positive signal but lose charge (decrease voltage) when called up
to de-integrate a negative input signal. This difference in reference for positive or negative input voltage will give a
roll-over error. However, by selecting the reference capacitor such that it is large enough in comparison to the stray
capacitance, this error can be held to less than 0.5 count worst case.
COMPONENT VALUE SELECTION
INTEGRATING RESISTOR
Both the buffer amplifier and the integrator have a class A output stage with 100μA of quiescent current. They
can supply 4μA of drive current with negligible nonlinearity. The integrating resistor should be large enough to
remain in this very linear region over the input voltage range, but small enough that undue leakage requirements are
not placed on the PC board. For 2V full scale, 470kΩ is near optimum and similarly a 100kΩ for a 200mV scale.
INTEGRATING CAPACITOR
The integrating capacitor should be selected to give the maximum voltage swing that ensures tolerance buildup
will not saturate the integrator swing(approximately. 0.3V from either supply).In the M7240, when the analog
COMMON is used as a reference, a nominal+2V full scale integrator swing is fine. For three readings/second (48kHz
clock) nominal values for CINT are 0.22μF and 0.10μF, respectively. Of course, if different oscillator frequencies are
used, these values should be changed in inverse proportion to maintain the same output swing.
An additional requirement of the integrating capacitor is that it must have a low dielectric absorptiont to prevent
roll-over errors. While other types of capacitors are adequate for this application, polypropylene capacitors give
undetectable errors at reasonable cost.
AUTO-ZERO CAPACITOR
The size of the auto-zero capacitor has some influence on the noise of the system. For 200mV full scale where
noise is very important, a 0.47μF capacitor is recommended. On the 2V scale, a 0.047μF capacitor increases the
speed of recovery from overload and is adequate for noise on this scale.
REFERENCE CAPACITOR
A 0.1μF capacitor gives good results in most applications. However, where a large common mode voltage exists
and a 200mV scale is used, a larger value is required to prevent roll-over error. Generally 1μF will hold the roll-over
error to 0.5 count in this instance.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com