Electronic Components Datasheet Search
  English  ▼

X  

M2115 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2115
Description  DUAL OPERATIONAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115 Datasheet(HTML) 1 Page - Unisonic Technologies

  M2115 Datasheet HTML 1Page - Unisonic Technologies M2115 Datasheet HTML 2Page - Unisonic Technologies M2115 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2115
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R105-021,Ba
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2115 is a low operating Voltage(±1.0V min.)
and low saturation output voltage(±2.0V p-p at supply
voltage ±2.5V) operational amplifier. It is applicable to
handy type CD,radio cassete CD, and portable DAT, that
are digital audio apparatus which require the 5V single
supply operation and high output voltage. The UTC M2115
is
improved
version
of
the
UTC
M2100
about
BIAS-CIRCUIT. So the UTC M2115 is low saturation
compared to the UTC M2100 under the condition of low
supply voltage(<±2.5V).The UTC M2115 is stable about
the oscillation compared to the UTC M2100 under the
condition of V+/V- >2.5V.
FEATURES
* Operating Voltage: ±1V ~±7V
* Low Saturation Output Voltage: ±2.0Vp-p@V+=±2.5V
* Slew Rate: 4V/μs (typ.)
* Unity Gain Bandwidth: 12MHz (typ.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
M2115L-D08-T
M2115G-D08-T
DIP-8
Tube
M2115L-S08-R
M2115G-S08-R
SOP-8
Tape Reel
M2115L-S08-T
M2115G-S08-T
SOP-8
Tube
M2115L-P08-R
M2115G-P08-R
TSSOP-8
Tape Reel
M2115L-P08-T
M2115G-P08-T
TSSOP-8
Tube
M2115L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8, P08:TSSOP-8
(3) G: Halogen Free, L: Lead Free


Similar Part No. - M2115

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2115 UTC-M2115 Datasheet
123Kb / 5P
LINEAR INTEGRATED CIRCUIT
logo
RAF ELECTRONIC HARDWARE
M2115-2545-AL RAF-M2115-2545-AL Datasheet
86Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-2545-SS RAF-M2115-2545-SS Datasheet
86Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-3005-AL RAF-M2115-3005-AL Datasheet
92Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-3005-N RAF-M2115-3005-N Datasheet
92Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com