Electronic Components Datasheet Search
  English  ▼

X  

MBR0560 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR0560
Description  0.5 AMP SCHOTTKY RECTIFIER 20 to 100 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR0560 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR0560 Datasheet HTML 1Page - Unisonic Technologies MBR0560 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR0560
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-036.a
ABSOLUTE MAXIMUM RATINGS(@ 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Recurrent Peak Reverse Voltage
VRRM
60
V
RMS Voltage
VRMS
42
V
DC Blocking Voltage
VDC
60
V
Operating Temperature
TOPR
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (@ 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Average Forward Current
IF(AV)
TJ=115°C
0.5
A
Peak Forward Surge Current
IFSM
8.3ms half sine
5.5
A
Maximum Instantaneous Forward
Voltage
VF
IFM=0.5A TA=25°C
0.70
V
Maximum DC Reverse Current At
Rated DC Blocking Voltage
IR
TJ=25°C
0.2
mA
Typical Junction Capacitance
CJ
Measured at 1.0MHz, VR=4.0 V
30
pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com