Electronic Components Datasheet Search
  English  ▼

X  

MBR10150C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR10150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR10150C Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR10150C Datasheet HTML 1Page - Unisonic Technologies MBR10150C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR10150C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-039.a
ABSOLUTE MAXIMUM RATINGS (Per Diode Leg)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
150
V
Average Rectified Forward Current (Rated VR) TC=142°C
IF(AV)
5
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC=142°C
IFRM
10
A
Non-Repetitive Peak Surge Current (Surge Applied At
Rated Load Conditions Half Wave, Single Phase, 60Hz)
IFSM
100
A
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/µs
Operating Junction Temperature (Note 2)
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ<1/θJA.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
Junction to Case
θJC
4.5
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=5A, TC=25°C
0.92
Instantaneous Forward Voltage Drop (Note 1)
VF
IF=5A, TC=125°C
0.82
V
Rated DC Voltage, TC=25°C
0.1
Instantaneous Reverse Current (Note 1)
IR
Rated DC Voltage, TC=125°C
15.0
mA
Note: 1. Pulse Test: Pulse Width=300µs, Duty Cycle≤2.0%.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com