Electronic Components Datasheet Search
  English  ▼

X  

ME7660 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ME7660
Description  CHARGE PUMP DC-DC VOLTAGE CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ME7660 Datasheet(HTML) 1 Page - Unisonic Technologies

  ME7660 Datasheet HTML 1Page - Unisonic Technologies ME7660 Datasheet HTML 2Page - Unisonic Technologies ME7660 Datasheet HTML 3Page - Unisonic Technologies ME7660 Datasheet HTML 4Page - Unisonic Technologies ME7660 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ME7660
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-730.a
CHARGE PUMP DC-DC
VOLTAGE CONVERTER
DESCRIPTION
ME7660
is a charge pump DC-DC voltage converter using
AL-gate CMOS technology and optimization design. It converters a
+1.5V to +10V input to a corresponding -1.5V to -10V output using only
two external capacitors, eliminating inductors and their associated
cost, size and EMI. The on-board oscillator operates at a nominal
frequency of 10KHZ. Operation below 10 KHZ (for lower supply current
applications) is possible by connecting an external capacitor from OSC
to ground.
FEATURES
* Converts +5V Logic supply to +5V
* Wide input voltage range:1.5V~10V
* Efficient voltage conversion:99.9%
* Good power efficiency:98%
* Low power supply:50uA@5Vin
* Only two external capacitors required
* Compatible with RS232 negative power supply standard
* No Dx diode needed for high voltage operation
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
ME7660L-SO8-R
ME7660G-SO8-R
SOP-8
Tape Reel
ME7660L-SO8-T
ME7660G-SO8-T
SOP-8
Tube
ME7660L-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) G:Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - ME7660

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ME7660G-SO8-R UTC-ME7660G-SO8-R Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
ME7660G-SO8-T UTC-ME7660G-SO8-T Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
ME7660L-SO8-R UTC-ME7660L-SO8-R Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
ME7660L-SO8-T UTC-ME7660L-SO8-T Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results

Similar Description - ME7660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com