Electronic Components Datasheet Search
  English  ▼

X  

MMBF170 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBF170
Description  0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBF170 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBF170 Datasheet HTML 1Page - Unisonic Technologies MMBF170 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBF170
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R502-629.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Continuous
±20
V
Gate-Source Voltage
Pulsed
VGSS
±40
V
Drain-Gate Voltage RGS ≤1.0MΩ
VDGR
60
V
Continuous
ID
500
mA
Drain Current (Note 2)
Pulsed
IDM
800
mA
Power Dissipation (Note 2)
225
mW
Derating above TA=25°C (Note 2)
PD
1.80
mW/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Valid provided that terminals are kept at specified ambient temperature.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
556
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note 1)
Drain-Source Breakdown Voltage
BVDSS
ID=100µA, VGS=0V
60
70
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
1.0
µA
Forward
VDS=0V, VGS=+15V
+10
nA
Gate- Source Leakage Current
Reverse
IGSS
VDS=0V, VGS=-15V
-10
nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
0.8
2.1
3.0
V
VGS=10V, ID=200mA
5.0
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=50mA
5.3
Ω
Forward Transconductance
gFS
VDS=10V, ID=0.2A
80
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
22
40
pF
Output Capacitance
COSS
11
30
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=10V, f=1.0MHz
2.0
5.0
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
10
ns
Turn-OFF Delay Time
tD(OFF)
VDD=25V, ID=0.5A, VGS=10V,
RGEN=50Ω
10
ns
Notes: 1. Pulse width ≤300µs, duty cycle ≤2%.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com