Electronic Components Datasheet Search
  English  ▼

X  

11N40 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 11N40
Description  11.4A, 400V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N40 Datasheet(HTML) 2 Page - Unisonic Technologies

  11N40 Datasheet HTML 1Page - Unisonic Technologies 11N40 Datasheet HTML 2Page - Unisonic Technologies 11N40 Datasheet HTML 3Page - Unisonic Technologies 11N40 Datasheet HTML 4Page - Unisonic Technologies 11N40 Datasheet HTML 5Page - Unisonic Technologies 11N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11N40
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-219.D
ABSOLUTE MAXIMUM RATING (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25℃)
ID
11.4
A
Pulsed Drain Current (Note 2)
IDM
46
A
Avalanche Current (Note 2)
IAR
11.4
A
Single Pulsed(Note 3)
EAS
520
Avalanche Energy
Repetitive(Note 2)
EAR
14.7
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
147
W
Derate above 25℃
PD
1.18
W/℃
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=7mH, IAS=11.4A, VDD=50V, RG=25Ω, Satarting TJ=25°C.
4. ISD ≤ 11.4A, di/dt ≤ 200A/μs, VDD ≤BVDSS, Satarting TJ=25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
℃
/W
Junction to Case
θJC
0.85
℃
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com