Electronic Components Datasheet Search
  English  ▼

X  

MPSH10 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSH10
Description  RF TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSH10 Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSH10 Datasheet HTML 1Page - Unisonic Technologies MPSH10 Datasheet HTML 2Page - Unisonic Technologies MPSH10 Datasheet HTML 3Page - Unisonic Technologies MPSH10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MPSH10
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R201-022,Ea
RF TRANSISTOR
DESCRIPTION
The UTC MPSH10 is desinged for using as VHF and UHF
oscillators and VHF Mixer in a tuner of a TV receiver.
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
MPSH10-x-T92-B
MPSH10L-x-T92-B
MPSH10G-x-T92-B
TO-92
E
B
C
Tape Box
MPSH10-x-T92-K
MPSH10L-x-T92-K
MPSH10G-x-T92-K
TO-92
E
B
C
Bulk
Note: Pin assignment: E: EMITTER, C: COLLECTOR, B: BASE


Similar Part No. - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
logo
Fairchild Semiconductor
MPSH10 FAIRCHILD-MPSH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10 Datasheet
20Kb / 1P
Small Signal Transistors
More results

Similar Description - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
RF Transistor
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
RF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
RF TRANSISTOR
MPSH10A UTC-MPSH10A_11 Datasheet
119Kb / 4P
RF TRANSISTOR
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
RF TRANSISTOR
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
RF Transistor
August, 2013
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
RF Transistor
May 2017 - Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com