Electronic Components Datasheet Search
  English  ▼

X  

P1595 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1595
Description  200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1595 Datasheet(HTML) 1 Page - Unisonic Technologies

  P1595 Datasheet HTML 1Page - Unisonic Technologies P1595 Datasheet HTML 2Page - Unisonic Technologies P1595 Datasheet HTML 3Page - Unisonic Technologies P1595 Datasheet HTML 4Page - Unisonic Technologies P1595 Datasheet HTML 5Page - Unisonic Technologies P1595 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1595
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-047.C
200KHZ, 1.5A PWM BUCK
DC/DC CONVERTER
DESCRIPTION
The UTC P1595 is a monolithic integrated circuit intended for the
use of a step-down DC/DC converter and it can drive a 1.5A load
without additional transistors.
The internal compensation makes feedback control having good
line and load regulation without external design. The external
shutdown function can be controlled by logic level and then enter the
standby mode.
The UTC P1595 features a guaranteed +3% tolerance on
output voltage under specified input voltage and output load
conditions. Thermal shutdown protection is designed to prevent over
temperature operating from damage while current limit protection is
against over current operating of the output switch. The switching
frequency will be reduced if current limit function occurs and feedback
voltage (VFB) drops below 0.5V. The UTC P1595 works at a 200kHz
switching frequency so it allows smaller sized filter components.
FEATURES
* Output Voltage In Adjustable Output Version.
* Adjustable Version Output Voltage Range: 0.75V ~ 22V With+3%
Accuracy.
* Short Circuit Protect
* Fixed Switching Frequency: 200KHZ.
* On/Off Shutdown Control Input.
* Voltage Mode Non-Synchronous Pulse Width Modulation (PWM)
Control.
* Thermal-Shutdown And Current-Limit Protection.
* Operating Voltage Can Be Up To 24V.
* 1.5A Output Load Current.
* Low Power Standby Mode.
* Built-In Switching Transistor
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P1595L-AB5-R
P1595G-AB5-R
SOT-89-5
Tape Reel


Similar Part No. - P1595

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595G-AB5-R UTC-P1595G-AB5-R Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595G-AB5-R UTC-P1595G-AB5-R Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results

Similar Description - P1595

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.0 Oct 29, 2004
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
200KHz, PWM Buck DC/DC & Linear Controller
Rev.1.1 Nov 17, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com