Electronic Components Datasheet Search
  English  ▼

X  

22N65 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 22N65
Description  22A, 650V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N65 Datasheet(HTML) 2 Page - Unisonic Technologies

  22N65 Datasheet HTML 1Page - Unisonic Technologies 22N65 Datasheet HTML 2Page - Unisonic Technologies 22N65 Datasheet HTML 3Page - Unisonic Technologies 22N65 Datasheet HTML 4Page - Unisonic Technologies 22N65 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
22N65
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-466.b
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current
IAR
22
A
Continuous Drain Current
ID
22
A
Pulsed Drain Current (Note 1)
IDM
88
A
Avalanche Energy
Single Pulsed
EAS
380
mJ
Repetitive
EAR
37
mJ
Peak Diode Recovery dv/dt (Note 2)
dv/dt
18
V/ns
Power Dissipation
PD
370
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. ISD ≤ 22A, di/dt ≤540 A/μs, VDD ≤ V(BR)DSS, TJ ≤150°C.
3. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C /W
Junction to Case
θJC
0.34
°C /W
ELECTRICAL CHARACTERISTICS(TJ=25°C, L=1.5mH,RG=25Ω,IAS =22A,Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
50
µA
Gate- Source Leakage Current
IGSS
VDS=0V, VGS=±30V
±100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=1mA, Referenced to 25°C
0.30
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=13A (Note 2)
0.3
0.35
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
3570
pF
Output Capacitance
COSS
350
pF
Reverse Transfer Capacitance
CRSS
36
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=300V, ID=22A, RG=6.2Ω,
VGS=10V (Note 2)
26
ns
Turn-ON Rise Time
tR
99
ns
Turn-OFF Delay Time
tD(OFF)
48
ns
Turn-OFF Fall-Time
tF
37
ns
Total Gate Charge
QG
VDS=480V, VGS=10V, ID=22A
(Note 2)
150
nC
Gate Source Charge
QGS
45
nC
Gate Drain Charge
QGD
76
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=22A
1.5
V
Continuous Source Current (Body Diode)
IS
(Note 1)
22
A
Pulsed Source Current (Body Diode)
ISM
88
A
Reverse Recovery Time
tRR
IS=22A,
di/dt=100A/μs (Note 2)
590
890
ns
Reverse Recovery Charge
QRR
7.2
11
µC
Note: 1.
2.
Repetitive rating; pulse width limited by max. junction temperature.
Pulse Width ≤ 300 s, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com