Electronic Components Datasheet Search
  English  ▼

X  

PC1031 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PC1031
Description  TV HORIZONTAL DEFLECTION CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1031 Datasheet(HTML) 1 Page - Unisonic Technologies

  PC1031 Datasheet HTML 1Page - Unisonic Technologies PC1031 Datasheet HTML 2Page - Unisonic Technologies PC1031 Datasheet HTML 3Page - Unisonic Technologies PC1031 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCPC1031
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R111-001,A
TV HORIZONTAL DEFLECTION
CIRCUIT
DESCRIPTION
UTC PC1031 is designed for B/W TV and small screen color
TV. It generates deflection signal and drives deflection coil.
FEATURES
*Low external components required
*Wide operating supply voltage(9V-18V)
*Adjustable synchronous input range
*Adjustable blanking voltage
*Large output current(2AP-P)
*Built in adjustable fly-back time
SIP-10H
APPLICATION CIRCUIT
8
4
7
5
6
2
1
10
3
9
Synchrous
signal
R1
R2
C1
C2
R4
2.7k
Ω
C4
1
µF/25V
R3
20k
Ω
VR1
50kB
Field
synchrous
& field
oscillator
Sawtooth
generation
Power
output
Vcc
Field
blanking
Vcc 9-18V
R7
0.5~3
Ω
1W
Deflection
coil
C10
47
µF/10V
C8
2200
µF
47
µF
10V
VR3
2KB
R6 82
Ω
C7
22
µF/10V
C5
10
µF/10V
VR2
20KB
R5
5.6k
Ω
C12
100
µF/25V
Ta
Synchrous
adjust
Ta
C6
22
µF/10V
Ta
Field
linearity
adjust
Field
strength
adjust
C3
10
µF/10V
Fig 1


Similar Part No. - PC1031

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results

Similar Description - PC1031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
logo
Fairchild Semiconductor
KSC2233 FAIRCHILD-KSC2233 Datasheet
42Kb / 4P
B/W TV Horizontal Deflection Output
logo
List of Unclassifed Man...
2SC937 ETC-2SC937 Datasheet
34Kb / 1P
TRANSLESS TV HORIZONTAL DEFLECTION OUTPUT
2SC940 ETC-2SC940 Datasheet
42Kb / 1P
B/W TV Horizontal Deflection Output
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
TV HORIZONTAL DEFLECTION OUTPUT
logo
General Electric Compan...
6AV5GA GEC-6AV5GA Datasheet
351Kb / 4P
FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com