Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # S8550
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S8550 Datasheet(HTML) 1 Page - Unisonic Technologies

  S8550 Datasheet HTML 1Page - Unisonic Technologies S8550 Datasheet HTML 2Page - Unisonic Technologies S8550 Datasheet HTML 3Page - Unisonic Technologies S8550 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
S8550
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R201-014.B
LOW VOLTAGE HIGH
CURRENT SMALL SIGNAL PNP
TRANSISTOR
DESCRIPTION
The UTC S8550 is a low voltage high current small signal PNP
transistor, designed for Class B push-pull audio amplifier and
general purpose applications.
FEATURES
* Collector current up to 700mA
* Collector-Emitter voltage up to 20 V
* Complementary to UTC S8050
* Halogen Free
Lead-free:
S8550L
Halogen-free:S8550G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen-Free
Package
1
2
3
Packing
S8550-x-T92-B
S8550L-x-T92-B
S8550G-x-T92-B
TO-92
E
B
C
Tape Box
S8550-x-T92-K
S8550L-x-T92-K
S8550G-x-T92-K
TO-92
E
B
C
Bulk


Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_05 Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_10 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551_11 Datasheet
178Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
8550S UTC-8550S_10 Datasheet
188Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
E-Tech Electronics LTD
G8551S ETL-G8551S Datasheet
161Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Unisonic Technologies
HE8550 UTC-HE8550_15 Datasheet
219Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8050 UTC-S8050_15 Datasheet
190Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_15 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com