Electronic Components Datasheet Search
  English  ▼

X  

TDA2004 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA2004
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004 Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA2004 Datasheet HTML 1Page - Unisonic Technologies TDA2004 Datasheet HTML 2Page - Unisonic Technologies TDA2004 Datasheet HTML 3Page - Unisonic Technologies TDA2004 Datasheet HTML 4Page - Unisonic Technologies TDA2004 Datasheet HTML 5Page - Unisonic Technologies TDA2004 Datasheet HTML 6Page - Unisonic Technologies TDA2004 Datasheet HTML 7Page - Unisonic Technologies TDA2004 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6
www.unisonic.com.tw
QW-R107-034,A
TYPICAL CHARACTORISTICS
7
6
8
10
8
Vs (V)
Figure 1. Quiescent Output Voltage vs.
Supply Voltage
5
4
16
14
12
80
60
100
010
8
Vs (V)
Figure 2. Quiescent Drain Current vs.
Supply Voltage
40
20
16
14
12
2
8
0.01
PoUT (W)
0.1
1
0
12
9
15
0
10
8
Vs (V)
6
3
16
14
12
Figure 4. Output Power vs. Supply Voltage
Figure 3. Distortion vs. Output Power
6
4
f=1KHz
Gv=50dB
Vs=13.2V, RL=3.2Ω
Vs=14.4V, RL=4Ω
Vs=13.2V, RL=16Ω
Vs=14.4V, RL=2Ω
f=1KHz
Gv=50dB
THD=10%
RL = 4Ω
RL = 2Ω
10
18
10
18
18
18
120
12
9
15
0
10
8
Vs (V)
6
3
16
14
12
Figure 5. Output Power vs. SupplyVoltage
0.8
0.4
1.2
10
10 3
102
10 4
f (Hz)
Figure 6. Distortion vs Frequency
Vs=14.4V
Gv=50dB
RL = 3.2Ω
RL = 1.6Ω
f=1KHz
Gv=50dB
THD=10%
RL = 2Ω
PoUT=2.5W
18
18
10
5
1.6
2.0
RL = 4Ω
PoUT=2.5W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com