Electronic Components Datasheet Search
  English  ▼

X  

TDA7265 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA7265
Description  25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7265 Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA7265 Datasheet HTML 1Page - Unisonic Technologies TDA7265 Datasheet HTML 2Page - Unisonic Technologies TDA7265 Datasheet HTML 3Page - Unisonic Technologies TDA7265 Datasheet HTML 4Page - Unisonic Technologies TDA7265 Datasheet HTML 5Page - Unisonic Technologies TDA7265 Datasheet HTML 6Page - Unisonic Technologies TDA7265 Datasheet HTML 7Page - Unisonic Technologies TDA7265 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA7265
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R107-063.a
PIN CONFIGURATION
11
10
9
8
7
6
5
4
3
2
1
IN+(R)
IN-(R)
GND
IN-(L)
IN+(L)
-VCC
MUTE
OUT(L)
+VCC
OUT(R)
-VCC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
-VCC
Negative supply
2
OUT(R)
Output(right)
3
+VCC
Positive Supply voltage
4
OUT(L)
Output(left)
5
MUTE
Mute/standby switch input
6
-VCC
Negative supply
7
IN+(L)
non-inverting input(left)
8
IN-(L)
inverting input(left)
9
GND
Ground
10
IN-(R)
inverting input(right)
11
IN+(R)
non-inverting input(right)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com