Electronic Components Datasheet Search
  English  ▼

X  

TDA2003 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003 Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA2003 Datasheet HTML 1Page - Unisonic Technologies TDA2003 Datasheet HTML 2Page - Unisonic Technologies TDA2003 Datasheet HTML 3Page - Unisonic Technologies TDA2003 Datasheet HTML 4Page - Unisonic Technologies TDA2003 Datasheet HTML 5Page - Unisonic Technologies TDA2003 Datasheet HTML 6Page - Unisonic Technologies TDA2003 Datasheet HTML 7Page - Unisonic Technologies TDA2003 Datasheet HTML 8Page - Unisonic Technologies TDA2003 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA2003
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R107-002,F
10W CAR RADIO AUDIO AMPLIFIER
DESCRIPTION
The UTC TDA2003 is a monolithic audio power amplifier
integrated circuit.
FEATURES
*Very Low External Component Required.
*High Current Output ( up to 3 A).
*Low Harmonic and Crossover Distortion.
*Built-in Over Temperature Protection.
*Short Circuit Protection Between all Pins.
TO-220B
1
1
TO-220-5
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
TDA2003-TA5-T
TDA2003L-TA5-T
TDA2003G-TA5-T
TO-220-5
Tube
TDA2003-TB5-T
TDA2003L-TB5-T
TDA2003G-TB5-T
TO-220B
Tube
PIN DESCRIPTION
PIN NO.
PIN NAME
1
Non inverting input
2
Inverting input
3
Ground
4
Output
5
Supply Voltage


Similar Part No. - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003 TGS-TDA2003 Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2003 HOTCHIP-TDA2003 Datasheet
895Kb / 11P
The TDA2003 is a monolithic audio power amplifier integrated circuit.
More results

Similar Description - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com