Electronic Components Datasheet Search
  English  ▼

X  

U74LVC2G07 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G07
Description  BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G07 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G07 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-402.A
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
TOPR=-40
to +85
℃℃
(note)
VCC = 1.65 ~ 1.95
1.0
3.5
6.7
VCC = 2.3 ~ 2.7
0.5
2.4
4.3
VCC = 2.7
1.0
2.3
4.3
VCC = 3.0 ~ 3.6
0.5
2.6
3.7
Propagation delay from input
(nA) to output(nY)
tPLZ/tPZL
VCC = 4.5 ~ 5.5
0.5
1.5
2.9
ns
Note: All typical values are measured at TOPR =25℃ and at Vcc=1.8V, 2.5V, 2.7V, 3.3V and 5.0V respectively.
OPERATING CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance Per Gate
CPD
VCC=3.3V (Notes 1, 2)
6.5
pF
Input Capacitance
CI
2.5
pF
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD * Vcc2 * fi * N + Σ(CL *Vcc2* fo)where:
fi = Input Frequency in MHz;
fo= Output Frequency in MHz;
CL= Output Load Capacitance in PF;
VCC = Supply Voltage in Volts;
N= Total Load Switching Outputs.
Σ(CL * Vcc2 * fo)= Sum of Outputs.
Notes:
2. The Condition is VIN = GND to Vcc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com