Electronic Components Datasheet Search
  English  ▼

X  

U74LVC2G08 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G08
Description  DUAL 2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G08 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G08 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G08 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G08 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G08 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G08 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-437.B
DUAL 2-INPUT AND GATE
DESCRIPTION
The U74LVC2G08 is a dual 2-input AND gate which performs the
function Y=A*B or
+
Y=A B . It is designed for 1.65V to 5.5V
operation.
FEATURES
* Wide Supply Voltage Range from 1.65V to 5.5V
* Max tPD of 4.7 ns at 3.3V
* Up to 5V Inputs Accept Voltages
* Low Power Consumption, ICC = 10 μA (Max.)
* ±24 mA Output Driver at 3V
* Direct Interface with TTL Levels
TSSOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC2G08L-SM1-R
U74LVC2G08G-SM1-R
MSOP-8
Tape Reel
U74LVC2G08L-SM1-T
U74LVC2G08G-SM1-T
MSOP-8
Tube
U74LVC2G08L-P08-R
U74LVC2G08G-P08-R
TSSOP-8
Tape Reel
U74LVC2G08L-P08-T
U74LVC2G08G-P08-T
TSSOP-8
Tube


Similar Part No. - U74LVC2G08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G08G-P08-R UTC-U74LVC2G08G-P08-R Datasheet
209Kb / 5P
DUAL 2-INPUT AND GATE
U74LVC2G08G-SM1-R UTC-U74LVC2G08G-SM1-R Datasheet
161Kb / 6P
DUAL 2-INPUT POSITIVE-NAND GATE
U74LVC2G08G-SM1-R UTC-U74LVC2G08G-SM1-R Datasheet
209Kb / 5P
DUAL 2-INPUT AND GATE
U74LVC2G08 UTC-U74LVC2G08_15 Datasheet
209Kb / 5P
DUAL 2-INPUT AND GATE
More results

Similar Description - U74LVC2G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
28-May-1998
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com