Electronic Components Datasheet Search
  English  ▼

X  

CC1070RGWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070RGWR
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070RGWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1070RGWR Datasheet HTML 17Page - Texas Instruments CC1070RGWR Datasheet HTML 18Page - Texas Instruments CC1070RGWR Datasheet HTML 19Page - Texas Instruments CC1070RGWR Datasheet HTML 20Page - Texas Instruments CC1070RGWR Datasheet HTML 21Page - Texas Instruments CC1070RGWR Datasheet HTML 22Page - Texas Instruments CC1070RGWR Datasheet HTML 23Page - Texas Instruments CC1070RGWR Datasheet HTML 24Page - Texas Instruments CC1070RGWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
CC1070
SWRS043A
Page 21 of 54
Manchester encoding and decoding
In the Synchronous Manchester encoded
mode
CC1070 uses Manchester coding
when
modulating
the
data.
The
Manchester code is based on transitions;
a “0” is encoded as a low-to-high
transition, a “1” is encoded as a high-to-
low transition. See Figure 11.
The Manchester code ensures that the
signal has a constant DC component,
which
is
necessary
in
some
FSK
receivers/demodulators. Using this mode
also
ensures
compatibility
with
e.g.
CC400/CC900 designs.
DCLK
DI
"RF"
Clock provided by
CC1070
Data provided by
microcontroller
FSK modulating signal
internal in CC1070
Figure 8. Synchronous NRZ mode
DCLK
DI
"RF"
Clock provided by
CC1070
Data provided by
microcontroller
FSK modulating signal
internal in CC1070
Figure 9. Synchronous Manchester encoded mode
DCLK
DI
"RF"
DCLK is not used. It can be
set to default low or high.
Data provided by
microcontroller
FSK modulating signal
internal in CC1070
Figure 10. Transparent Asynchronous UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com