Electronic Components Datasheet Search
  English  ▼

X  

CC1190 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC1190
Description  850 ??950 MHz RF Front End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1190 Datasheet(HTML) 4 Page - Texas Instruments

  CC1190 Datasheet HTML 1Page - Texas Instruments CC1190 Datasheet HTML 2Page - Texas Instruments CC1190 Datasheet HTML 3Page - Texas Instruments CC1190 Datasheet HTML 4Page - Texas Instruments CC1190 Datasheet HTML 5Page - Texas Instruments CC1190 Datasheet HTML 6Page - Texas Instruments CC1190 Datasheet HTML 7Page - Texas Instruments CC1190 Datasheet HTML 8Page - Texas Instruments CC1190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
GND
PA_IN
LNA_OUT
GND
GND
PA_OUT
GND
TR_SW
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
4x4QFN-16
CC1190
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
DEVICE INFORMATION
QFN-16 PACKAGE
TOP VIEW
NOTE
The exposed die attach pad must be connected to a solid ground plane as this is the
primary ground connection for the chip. Inductance in vias to the pad should be
minimized. Following the CC1190EM reference layout is recommended. Changes will alter
the performance. Also see the PCB land pattern information in this data sheet.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NO.
NAME
The exposed die attach pad must be connected to a solid ground plane. See CC1190EM
-
GND
Ground
(SWRR064) reference design for recommended layout.
1
GND
Ground
Secondary ground connection. Should be shorted to the die attach pad on the top PCB layer.
2
PA_OUT
RF
Output of PA.
3
GND
Ground
Secondary ground connection. Should be shorted to the die attach pad on the top PCB layer.
4
TR_SW
RF
RXTX switch pin.
5
LAN_IN
RF
Input of LNA.
Digital control pin.
6
HGM
Digital Input
HGM = 1
→ Device in High Gain Mode.
HGM = 0
→ Device in Low Gain Mode.
7
LNA_EN
Digital Input
Digital control pin. See Table 2 and Table 3 for details.
8
PA_EN
Digital Input
Digital control pin. See Table 2 and Table 3 for details.
9
GND
Ground
Secondary ground connection. Should be shorted to the die attach pad on the top PCB layer.
10
LNA_OUT
RF
Output of LNA.
11
PA_IN
RF
Input of PA.
12
GND
Ground
Secondary ground connection. Should be shorted to the die attach pad on the top PCB layer.
13
VDD_LNA
Power
2 – 3.7 V Supply Voltage.
14
BIAS
Analog
Biasing input. Resistor between this node and ground sets bias current.
15
VDD_PA2
Power
2 – 3.7 V Supply Voltage.
16
VDD_PA1
Power
2 – 3.7 V Supply Voltage.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com