Electronic Components Datasheet Search
  English  ▼

X  

CC2420 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC2420
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC2420 Datasheet HTML 59Page - Texas Instruments CC2420 Datasheet HTML 60Page - Texas Instruments CC2420 Datasheet HTML 61Page - Texas Instruments CC2420 Datasheet HTML 62Page - Texas Instruments CC2420 Datasheet HTML 63Page - Texas Instruments CC2420 Datasheet HTML 64Page - Texas Instruments CC2420 Datasheet HTML 65Page - Texas Instruments CC2420 Datasheet HTML 66Page - Texas Instruments CC2420 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
CC2420
SWRS041B
Page 63 of 89
MAIN (0x10) - Main Control Register
Bit
Field Name
Reset
R/W
Description
15
RESETn
1
R/W
Active low reset of the entire circuit should be applied before
doing anything else. Equivalent to using the RESETn reset pin.
14
ENC_RESETn
1
R/W
Active low reset of the encryption module. (Test purposes only)
13
DEMOD_RESETn
1
R/W
Active low reset of the demodulator module. (Test purposes
only)
12
MOD_RESETn
1
R/W
Active low reset of the modulator module. (Test purposes only)
11
FS_RESETn
1
R/W
Active low reset of the frequency synthesizer module. (Test
purposes only)
10:1
-
0
W0
Reserved, write as 0
0
XOSC16M_BYPASS
0
R/W
Bypasses the crystal oscillator and uses a buffered version of the
signal on Q1 directly. This can be used to apply an external rail-
rail clock signal to the Q1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com