Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 59Page - Texas Instruments CC2520 Datasheet HTML 60Page - Texas Instruments CC2520 Datasheet HTML 61Page - Texas Instruments CC2520 Datasheet HTML 62Page - Texas Instruments CC2520 Datasheet HTML 63Page - Texas Instruments CC2520 Datasheet HTML 64Page - Texas Instruments CC2520 Datasheet HTML 65Page - Texas Instruments CC2520 Datasheet HTML 66Page - Texas Instruments CC2520 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
63
17 IEEE 802.15.4-2006 Modulation Format
This section is meant as an introduction to the 2.4 GHz direct sequence spread spectrum (DSSS) RF
modulation format defined in IEEE 802.15.4-2006. For a complete description, please refer to the standard
document [2].
The modulation and spreading functions are illustrated at block level in Figure 12. Each byte is divided into
two symbols, 4 bits each. The least significant symbol is transmitted first. For multi-byte fields, the least
significant byte is transmitted first, except for security related fields where the most significant byte it
transmitted first.
Each symbol is mapped to one out of 16 pseudo-random sequences, 32 chips each. The symbol to chip
mapping is shown in Table 16. The chip sequence is then transmitted at 2 Mchips/s, with the least
significant chip (C0) transmitted first for each symbol. The transmitted bit stream and the chip sequences are
observable on GPIO pins. See Table 9 for details on how to configure the GPIO to do this.
Figure 12: Modulation
Table 16: IEEE 802.15.4-2006 symbol to chip mapping
Symbol
Chip sequence (C0, C1, C2, … , C31)
0
1 1 0 1 1 0 0 1 1 1 0 0 0 0 1 1 0 1 0 1 0 0 1 0 0 0 1 0 1 1 1 0
1
1 1 1 0 1 1 0 1 1 0 0 1 1 1 0 0 0 0 1 1 0 1 0 1 0 0 1 0 0 0 1 0
2
0 0 1 0 1 1 1 0 1 1 0 1 1 0 0 1 1 1 0 0 0 0 1 1 0 1 0 1 0 0 1 0
3
0 0 1 0 0 0 1 0 1 1 1 0 1 1 0 1 1 0 0 1 1 1 0 0 0 0 1 1 0 1 0 1
4
0 1 0 1 0 0 1 0 0 0 1 0 1 1 1 0 1 1 0 1 1 0 0 1 1 1 0 0 0 0 1 1
5
0 0 1 1 0 1 0 1 0 0 1 0 0 0 1 0 1 1 1 0 1 1 0 1 1 0 0 1 1 1 0 0
6
1 1 0 0 0 0 1 1 0 1 0 1 0 0 1 0 0 0 1 0 1 1 1 0 1 1 0 1 1 0 0 1
7
1 0 0 1 1 1 0 0 0 0 1 1 0 1 0 1 0 0 1 0 0 0 1 0 1 1 1 0 1 1 0 1
8
1 0 0 0 1 1 0 0 1 0 0 1 0 1 1 0 0 0 0 0 0 1 1 1 0 1 1 1 1 0 1 1
9
1 0 1 1 1 0 0 0 1 1 0 0 1 0 0 1 0 1 1 0 0 0 0 0 0 1 1 1 0 1 1 1
10
0 1 1 1 1 0 1 1 1 0 0 0 1 1 0 0 1 0 0 1 0 1 1 0 0 0 0 0 0 1 1 1
11
0 1 1 1 0 1 1 1 1 0 1 1 1 0 0 0 1 1 0 0 1 0 0 1 0 1 1 0 0 0 0 0
12
0 0 0 0 0 1 1 1 0 1 1 1 1 0 1 1 1 0 0 0 1 1 0 0 1 0 0 1 0 1 1 0
13
0 1 1 0 0 0 0 0 0 1 1 1 0 1 1 1 1 0 1 1 1 0 0 0 1 1 0 0 1 0 0 1
14
1 0 0 1 0 1 1 0 0 0 0 0 0 1 1 1 0 1 1 1 1 0 1 1 1 0 0 0 1 1 0 0
15
1 1 0 0 1 0 0 1 0 1 1 0 0 0 0 0 0 1 1 1 0 1 1 1 1 0 1 1 1 0 0 0
The modulation format is Offset – Quadrature Phase Shift Keying (O-QPSK) with half-sine chip shaping.
This is equivalent to MSK modulation. Each chip is shaped as a half-sine, transmitted alternately in the I and
Q channels with one half chip period offset. This is illustrated for the zero-symbol in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com