Electronic Components Datasheet Search
  English  ▼

X  

CC2544 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2544
Description  System-on-Chip for 2.4-GHz USB Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2544 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2544 Datasheet HTML 17Page - Texas Instruments CC2544 Datasheet HTML 18Page - Texas Instruments CC2544 Datasheet HTML 19Page - Texas Instruments CC2544 Datasheet HTML 20Page - Texas Instruments CC2544 Datasheet HTML 21Page - Texas Instruments CC2544 Datasheet HTML 22Page - Texas Instruments CC2544 Datasheet HTML 23Page - Texas Instruments CC2544 Datasheet HTML 24Page - Texas Instruments CC2544 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
4-V to 5.45-V
Power Supply
R21
R11
R251
D–
D+
C41
C171
C181
C21
C11
C311
CC2544
DIE ATTACH PAD
Antenna
(50
)
W
S0383-06
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
Power Supply Decoupling Capacitors are Not Shown
Digital I/O Not Connected
VDD
USB_P
VDD
VDD
RF_N
RF_P
VDD
XOSC2
XOSC1
USB_N
VDD
DCPL2
VBUS
P1_0
P1_1
VDD
CC2544
www.ti.com
SWRS103D – JUNE 2011 – REVISED MAY 2012
APPLICATION INFORMATION
Few external components are required for the operation of the CC2544. A typical application circuit is shown in
Figure 19. For suggestions of component values other than those listed in Table 2, see reference design
CC2544EM. The performance stated in this data sheet is only valid for the CC2544EM reference design. To
obtain similar performance, the reference design should be copied as closely as possible.
Figure 19. CC2544 Application Circuit
Table 2. Overview of External Components (Excluding Balun, Crystal and Supply Decoupling Capacitors)
Component
Description
Value
C11
USB D+ decoupling
47 pF
C21
USB D– decoupling
47 pF
Decoupling capacitor for the internal 5V-3.3V digital voltage
C41
1 µF
regulator
Decoupling capacitor for the internal 1.8V digital voltage
C311
1 µF
regulator
R11
USB D+ series resistor
33
Ω
R21
USB D– series resistor
33
Ω
R251
Precision resistor ±1%, used for internal biasing
56 k
Ω
Input/Output Matching
When using an unbalanced antenna such as a monopole, a balun should be used to optimize performance. The
balun can be implemented using low-cost discrete inductors and capacitors. See reference design, CC2544EM,
for recommended balun.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CC2544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com