Electronic Components Datasheet Search
  English  ▼

X  

CC2570 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2570
Description  1- and 8-Channel ANT??RF Network Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2570 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2570 Datasheet HTML 17Page - Texas Instruments CC2570 Datasheet HTML 18Page - Texas Instruments CC2570 Datasheet HTML 19Page - Texas Instruments CC2570 Datasheet HTML 20Page - Texas Instruments CC2570 Datasheet HTML 21Page - Texas Instruments CC2570 Datasheet HTML 22Page - Texas Instruments CC2570 Datasheet HTML 23Page - Texas Instruments CC2570 Datasheet HTML 24Page - Texas Instruments CC2570 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
Table 4. ANT Serial Message Format
Byte
Name
Length
Description
0
SYNC
1
Sync byte = 0xA4
1
LENGTH
1
Number of data bytes in message (n)
2
ID
1
Message identifier
3 to n + 2
DATA1
–DATAn
n
Message data bytes
n + 3
CHECKSUM
1
XOR of all previous bytes.
NOTE
Important: It should be noted that for the asynchronous serial mode, the SYNC byte is
always sent as part of the messages and is always 0xA4. For the synchronous serial
protocol, the SYNC byte is always sent by ANT and is 0xA4 for ANT-to-host transactions
and 0xA5 for host-to ANT-transactions.
For complete details on the ANT/host interface, see the ANT document ANT Message Protocol and Usage.
Table 5 is a list of the command set applicable to the CC257x. The Requested column indicates that the
message must be requested by the host. The Event column indicates that the message is sent by ANT to the
host without any request from the host
—for example, after a channel event. The Reply column indicates that the
command elicits a response from ANT.
Table 5. ANT Serial Messages
Class
Message(1)
ID
Description
Reply
Requested
Event
UNASSIGN_CHANNEL_ID
0x41
Unassign a channel.
Yes
No
No
ASSIGN_CHANNEL_ID
0x42
Assign a channel.
Yes
No
No
CHANNEL_ID_ID
0x51
Set channel ID.
Yes
No
No
CHANNEL_MESG_PERIOD_ID
0x43
Set channel period.
Yes
No
No
CHANNEL_SEARCH_TIMEOUT_
Set the channel-search time-out
0x44
Yes
No
No
ID
period.
CHANNEL_RADIO_FREQ_ID
0x45
Set the channel RF frequency.
Yes
No
No
NETWORK_KEY_ID
0x46
Set the network key.
Yes
No
No
Config
RADIO_TX_POWER_ID
0x47
Set the transmit power (all channels)
Yes
No
No
messages
ID_LIST_ADD_ID
0x59
Add channel ID to search list.
Yes
No
No
ID_LIST_CONFIG_ID
0x5A
Configure search list.
Yes
No
No
CHANNEL_RADIO_TX_POWER_
0x60
Set the channel transmit power.
Yes
No
No
ID
SET_LP_SEARCH_TIMEOUT_ID
0x60
Set the low-priority search time-out.
Yes
No
No
RX_EXT_MESGS_ENABLE_ID
0x66
Enable extended messages.
Yes
No
No
AUTO_FREQ_CONFIG_ID
0x70
Configure frequency agility feature.
Yes
No
No
PROX_SEARCH_CONFIG_ID
0x71
Set proximity search.
Yes
No
No
Notification
STARTUP_MESG_ID
0x6F
Startup message (following reset).
No
No
Yes
SYSTEM_RESET_ID
0x4A
Reset system.
No
No
No
OPEN_CHANNEL_ID
0x4B
Open a channel.
Yes
No
No
Control
CLOSE_CHANNEL_ID
0x4C
Close a channel.
Yes
No
No
OPEN_RX_SCAN_ID
0x5B
Open channel in scan mode.
Yes
No
No
REQUEST_ID
0x4D
Request a message from ANT.
–
No
No
Broadcast message (ANT
→host and
BROADCAST_DATA_ID
0x4E
No
No
Yes
host
→ANT).
Data
Acknowledged message (ANT
→host
ACKNOWLEDGED_DATA_ID
0x4F
No
No
Yes
messages
and host
→ANT).
Burst message (ANT
→host and
BURST_DATA_ID
0x50
No
No
Yes
host
→ANT).
Event
RESPONSE_EVENT_ID
0x40
Channel event message.
–
No
Yes
(1)
Precede with MESG_
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com