Electronic Components Datasheet Search
  English  ▼

X  

90N02 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 90N02
Description  90A, 20V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

90N02 Datasheet(HTML) 2 Page - Unisonic Technologies

  90N02 Datasheet HTML 1Page - Unisonic Technologies 90N02 Datasheet HTML 2Page - Unisonic Technologies 90N02 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
90N02
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-751.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (Note 2)
VDSS
20
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous (TC<135°C, VGS=10V)
ID
90
A
Pulsed
IDM
360
A
Single Pulsed Avalanche Energy (Note 3)
EAS
168
mJ
Power Dissipation
PD
54
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Starting TJ=25~150°C
3. Starting TJ=25°C , L = 0.42mH, IAS = 90A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
2.3
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
20
V
Drain-Source Leakage Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
0.9
2.8
2.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=90A
5.1
7
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=20V, f=1.0MHz
3565
pF
Output Capacitance
COSS
1310
pF
Reverse Transfer Capacitance
CRSS
395
pF
SWITCHING PARAMETERS
Total Gate Charge at 20V
QG
VDD=20V, ID=90A, RL=0.4Ω
46
60
nC
Gate to Source Charge
QGS
6.9
nC
Gate to Drain Charge
QGD
9.8
nC
Turn-ON Delay Time
tD(ON)
VDD=20V, ID=90A, RL=0.4Ω,
VGS=10V, RGS=2.5 Ω
9
ns
Rise Time
tR
106
ns
Turn-OFF Delay Time
tD(OFF)
53
ns
Fall-Time
tF
41
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=90A
0.9 1.25
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com