Electronic Components Datasheet Search
  English  ▼

X  

U74LVC574 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC574
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC574 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC574 Datasheet HTML 1Page - Unisonic Technologies U74LVC574 Datasheet HTML 2Page - Unisonic Technologies U74LVC574 Datasheet HTML 3Page - Unisonic Technologies U74LVC574 Datasheet HTML 4Page - Unisonic Technologies U74LVC574 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC574
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-266.B
OCTAL EDGE-TRIGGERED
D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC574 is a octal edge-triggered D-type flip-flop with
3-state outputs, and it has 8 channels.
FEATURES
* Operate from 1.65V to 3.6V
* Max tpd of 7ns at 3.3 V
* Typical VOL< 0.8V at VCC=3.3V, Ta=25°C
* Typical VOH> 2V at VCC=3.3V, Ta=25°C
* Power off disables outputs, permitting live insertion
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC574L-P20-R
U74LVC574G-P20-R
TSSOP-20
Tape Reel
U74LVC574L-R20-R
U74LVC574G-R20-R
SSOP-20
Tape Reel
U74LVC574L-S20-R
U74LVC574G-S20-R
SOP-20
Tape Reel


Similar Part No. - U74LVC574

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC574G-P20-R UTC-U74LVC574G-P20-R Datasheet
273Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574G-R20-R UTC-U74LVC574G-R20-R Datasheet
273Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574G-S20-R UTC-U74LVC574G-S20-R Datasheet
273Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574 UTC-U74LVC574_15 Datasheet
273Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - U74LVC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT574 TI-SN74ABT574_02 Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574_08 Datasheet
748Kb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com