Electronic Components Datasheet Search
  English  ▼

X  

3510 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3510
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510 Datasheet(HTML) 4 Page - Unisonic Technologies

  3510 Datasheet HTML 1Page - Unisonic Technologies 3510 Datasheet HTML 2Page - Unisonic Technologies 3510 Datasheet HTML 3Page - Unisonic Technologies 3510 Datasheet HTML 4Page - Unisonic Technologies 3510 Datasheet HTML 5Page - Unisonic Technologies 3510 Datasheet HTML 6Page - Unisonic Technologies 3510 Datasheet HTML 7Page - Unisonic Technologies 3510 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3510
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-048.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
16
V
Output Voltage
FPO
VOUT
16
V
PGO
8
All Other Pins
-0.3 ~ 16
V
Power Dissipation (TA≤25°C)
DIP-8
PD
1092
mW
SOP-8
730
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0 ~
℃
+70
operating temperature range
℃
and assured by design from -20 ~
℃
+85 .
℃
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4
15
V
Input Voltage
PSON, VS5, VS33
VIN
7
V
PGI
VDD+0.3V
7
Output Voltage
FPO
VOUT
15
V
PGO
7
Output Sink Current
FPO
IO(SINK)
20
mA
PGO
10
Supply Voltage Rising Time (See Note)
1
ms
Note: VDD rising and falling slew rate must be less than 14V/ms.
ELECTRICAL CHARACTERISTICS (TA=25°C ,unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OVER-VOLTAGE PROTECTION
Over Voltage Threshold
VS33
3.7
3.9
4.1
V
VS5
5.7
6.1
6.5
VDD
13.0
13.8
14.4
Low-level Output Voltage (FPO)
VOL
VDD =5V, IO(SINK) =20mA
0.7
V
Leakage Current (FPO)
ILEAK
V(FPO) =5V
5
μA
Noise Deglitch Time OVP
VDD =5V
35
73
110
μS
PGI AND PGO
Input threshold Voltage
PGI
VPGI
1.1
1.15
1.2
V
VPG2
0.9
0.95
1
Under Voltage Threshold
VS33
VIT
2
2.2
2.4
V
VS5
3.3
3.5
3.7
Low-level Output Voltage (PGO)
VOL
VDD =4V, IO(SINK) =10mA
0.4
V
Leakage Current (PGO)
ILEAK
PGO = 5 V
5
μA
Short-Circuit Protection Delay
3.3V, 5V
49
75
114
ms
Transient Delay time
PGI to PGO
tDLY1
VDD = 5 V
200
300
450
ms
PGI to FPO
3.2
4.8
7.2
Noise Deglitch Time
PGI to PGO
VDD = 5 V
88
150
225
μs
PGI to FPO
180
296
445
UVP to FPO
82
146
220



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com