Electronic Components Datasheet Search
  English  ▼

X  

3541 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3541
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541 Datasheet(HTML) 3 Page - Unisonic Technologies

  3541 Datasheet HTML 1Page - Unisonic Technologies 3541 Datasheet HTML 2Page - Unisonic Technologies 3541 Datasheet HTML 3Page - Unisonic Technologies 3541 Datasheet HTML 4Page - Unisonic Technologies 3541 Datasheet HTML 5Page - Unisonic Technologies 3541 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-035.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7
V
Output Short-Circuit Duration (TA=25°C, PD=1W)
tSC(O)
20
S
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
DIP-8
θJA
108
°C/W
SOP-8
210
Junction to Case
DIP-8
θJC
45
°C/W
SOP-8
40
Note: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
ELECTRICAL CHARACTERISTICS
(VIN=0dBV, VCC=5V, TA=25°C, f=1kHz, RL=32Ω, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
3.0
5.0
6.0
V
Mute Terminal Voltage
VTM
0.3
0.7
1.6
V
Quiescent Current
IQ
VIN = 0VRMS
3.5
5
mA
Mute Current
IMUTE
200
μA
Voltage Gain
GVCL
VIN=1VRMS, f =1kHz, RL=32Ω
-2
0
2
dB
Differential Channel Voltage Gain
ΔGVCL
-0.5
0
0.5
dB
Channel Separation
CS
f =1 kHz
-90
-92.5
dB
Mute Attenuation
ATT
VIN = 1Vrms, f =1 kHz, Mute=L
65
70
dB
Ripple Rejection
RR
FRR =100Hz, VRR = -20dBV
50
60
dB
Output Noise Voltage
VNO
BW = 20~20kHz, VIN=0VRMS
-93
-85
dBV
Total Harmonic Distortion
THD
BW<120 kHz
0.03
0.1
%
Rated Output Power 1
PO1
THD+N=0.1%, BW<120kHz
RL=32Ω
50
55
mW
Rated Output Power 2
PO2
RL=16Ω
105
110
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com