Electronic Components Datasheet Search
  English  ▼

X  

3513 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3513
Description  PC POWER SUPPLY SUPERVISOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513 Datasheet(HTML) 1 Page - Unisonic Technologies

  3513 Datasheet HTML 1Page - Unisonic Technologies 3513 Datasheet HTML 2Page - Unisonic Technologies 3513 Datasheet HTML 3Page - Unisonic Technologies 3513 Datasheet HTML 4Page - Unisonic Technologies 3513 Datasheet HTML 5Page - Unisonic Technologies 3513 Datasheet HTML 6Page - Unisonic Technologies 3513 Datasheet HTML 7Page - Unisonic Technologies 3513 Datasheet HTML 8Page - Unisonic Technologies 3513 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3513
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-129.B
PC POWER SUPPLY
SUPERVISOR
DESCRIPTION
The UTC 3513 is designed to provide protection circuits, power good
output (PGO) indicator, fault protection output (FPOB) and a PSONB
control for PC switching power supply systems.
The protection circuits include over voltage protection (OVP), under
voltage protection (UVP) and over current protection(OCP) monitoring
for 3.3V, 5V and two 12V.
When 3.3V, 5V or 12V voltage is decreasing to 2.68V, 4.3V and 9.9V
respectively, the under voltage protection (UVP) function will be
enabled. FPO will be set to high to turn off the PWM controller IC.
Toggling the PSONB from low to high will reset the fault protection
latch.
DIP-16
SOP-16
The voltage difference across external current shunt is used for OCP functions. An external resistor can be used
to adjust protection threshold.
The power supply is turned on after 38mS delay time when PSONB signal is set from high to low. To turn off
power supply, PSONB signal is set from low to high with the delay time 38mS. The PGI circuitry provides a
power-down warning signal for PGO. When PGI input is lower than the internal 1.20V reference voltage, PGO signal
is pulled low.
The device is available in two versions: UTC 3513E/3513F. Specially, fan control function is available in OTP/FC
pin of UTC 3513F.
FEATURES
* OVP/UVP monitors 3.3V, 5V, 12V input voltage level.
* OCP monitors IS33, IS5, IS12 input current sense.
* Fault protection output (FPOB) with Open Drain Output stage.
* Power good output (PGO) with Open Drain Output stage.
* 38ms de-bounce time for PSONB input signal.
* 300ms time delay from PGI to PGO.
* 2.4ms time delay for PSONB to turn off FPOB.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
3513EL-D16-T
3513EG-D16-T
DIP-16
Tube
3513EL-S16-R
3513EG-S16-R
SOP-16
Tape Reel
3513EL-S16-T
3513EG-S16-T
SOP-16
Tube
3513FL-D16-T
3513FG-D16-T
DIP-16
Tube
3513FL-S16-R
3513FG-S16-R
SOP-16
Tape Reel
3513FL-S16-T
3513FG-S16-T
SOP-16
Tube


Similar Part No. - 3513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3513 LINER-3513 Datasheet
261Kb / 20P
2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
Lumberg
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
logo
List of Unclassifed Man...
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
logo
Lumberg
3513 LUMBERG-3513 Datasheet
517Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3513

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com