Electronic Components Datasheet Search
  English  ▼

X  

4052 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4052
Description  DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4052 Datasheet(HTML) 1 Page - Unisonic Technologies

  4052 Datasheet HTML 1Page - Unisonic Technologies 4052 Datasheet HTML 2Page - Unisonic Technologies 4052 Datasheet HTML 3Page - Unisonic Technologies 4052 Datasheet HTML 4Page - Unisonic Technologies 4052 Datasheet HTML 5Page - Unisonic Technologies 4052 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4052
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R502-013.E
DIFFERENTIAL 4-CHANNEL
ANALOG MULTIPLEXERS/
DEMULTIPLEXERS
DESCRIPTION
The UTC 4052 is differential 4-channel analog multiplexers/
demultiplexers for application as digitally–controlled analog switches.
The device has two binary control inputs and an inhibit input. It
feature low ON impedance and very low OFF leakage current.
Control of analog signals up to the complete supply voltage range
can be achieved.
FEATURES
* Wide Analog Voltage Range: VDD–VEE = 3V~18V.
(Note: VEE must be≦VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an DP4T Switch Effectively.
* Pin to Pin Replacement for CD4052
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
4052L-D16-T
4052G-D16-T
DIP-16
Tube
4052L-P16-R
4052G-P16-R
TSSOP-16
Tape Reel
4052L-P16-T
4052G-P16-T
TSSOP-16
Tube
4052L-S16-R
4052G-S16-R
SOP-16
Tape Reel
4052L-S16-T
4052G-S16-T
SOP-16
Tube


Similar Part No. - 4052

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4052 UTC-4052 Datasheet
172Kb / 9P
ANALOG MULTIPLEXERS /DEMULTIPLEXERS
4052 UTC-4052 Datasheet
216Kb / 6P
DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
3M Electronics
4052 3M-4052 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
logo
Heyco.
4052 HEYCO-4052 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4052 HEYCO-4052 Datasheet
112Kb / 1P
Lockit Loops and Clips
More results

Similar Description - 4052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4052 UTC-4052 Datasheet
216Kb / 6P
DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Unisonic Technologies
4052 UTC-4052_15 Datasheet
289Kb / 6P
DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com