Electronic Components Datasheet Search
  English  ▼

X  

9018 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9018
Description  AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9018 Datasheet(HTML) 2 Page - Unisonic Technologies

  9018 Datasheet HTML 1Page - Unisonic Technologies 9018 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9018
NPN EPITAXIAL PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-025,Ba
ABSOLUTE MAXIMUM RATING (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Collector Power Dissipation
Pc
400
mW
Junction Temperature
TJ
125
℃
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100uA, IE=0
30
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
15
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100uA, IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=12V, IE=0
50
nA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10mA, IB=1mA
0.5
V
DC Current Gain
hFE
VCE=5V, IC=1mA
28
100
198
Current Gain Bandwidth Product
fT
VCE=5V, IC=5mA
700
1100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
1.3
1.7
pF
CLASSIFICATION of hFE
RANK
D
E
F
G
H
I
RANGE
28-45
39-60
54-80
72-108
97-146
132-198
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com