Electronic Components Datasheet Search
  English  ▼

X  

9013 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9013
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9013 Datasheet(HTML) 2 Page - Unisonic Technologies

  9013 Datasheet HTML 1Page - Unisonic Technologies 9013 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9013
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-030.Ba
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
500
mA
Collector dissipation
PC
625
mW
Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
IC=-100μA, IE=0
40
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA, IB=0
20
V
Emitter-base breakdown voltage
BVEBO
IE=100μA, IC=0
5
V
Collector cutoff current
ICBO
VCB=25V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB=3V, IC=0
100
nA
DC current gain
hFE1
hFE2
VCE=1V, IC=50mA
VCE=1V, IC=500mA
64
40
120
120
300
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
0.16
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
0.91
1.2
V
Base-emitter on voltage
VBE(on)
VCE=1V, IC=10mA
0.6
0.67
0.7
V
CLASSIFICATION OF hFE1
RANK
D
E
F
G
H
I
RANGE
64-91
78-112
96-135
112-166
144-202
190-300
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com