Electronic Components Datasheet Search
  English  ▼

X  

BA5417 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BA5417
Description  HIGH-OUTPUT DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA5417 Datasheet(HTML) 5 Page - Unisonic Technologies

  BA5417 Datasheet HTML 1Page - Unisonic Technologies BA5417 Datasheet HTML 2Page - Unisonic Technologies BA5417 Datasheet HTML 3Page - Unisonic Technologies BA5417 Datasheet HTML 4Page - Unisonic Technologies BA5417 Datasheet HTML 5Page - Unisonic Technologies BA5417 Datasheet HTML 6Page - Unisonic Technologies BA5417 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA5417
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-049,A
APPLICATION CIRCUITS
OTL Mode
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
FILTER
30k
30k
45
30k
30k
+
-
45
+
-
(N.C.)
+
C2
+
+
C3
C5
C6
100μ
1000μ
1000μ
1000μ
+ C4
C7
0.15μ
R2
2.2
R1
2.2
C1
0.15μ
100μ
+
+
C8
47μ
C9
47μ
RF1
120
+
C10
47μ
RF2
120
RNF1
RNF2
+
+
CIN
CIN
VCC
POWER GND
SP
SP
IN1
IN2
Fig.2
thermal shutdown
circuit
bootstrap
bootstrap
standby
BTL Mode
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
FILTER
30k
30k
45
30k
30k
+
-
45
+
-
(N.C.)
+
C2
+
+
C3
C5
C6
100μ
1000μ
1000μ
1000μ
+ C4
C7
0.15μ
R2
2.2
R1
2.2
C1
0.15μ
100μ
+
+
C8
47μ
C9
47μ
RF1
120
+
C10
47μ
Note : 3pin, 5pin need coupling capacitors (C3, C5 100μF) for DC offset voltage.
SP
Fig.3
VCC
10k
VSTN BY
1k
thermal
shutdown circuit
bootstrap
bootstrap
standby



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com