Electronic Components Datasheet Search
  English  ▼

X  

BA6220 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BA6220
Description  GENERAL USE ELECTRONIC GOVERNOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6220 Datasheet(HTML) 1 Page - Unisonic Technologies

  BA6220 Datasheet HTML 1Page - Unisonic Technologies BA6220 Datasheet HTML 2Page - Unisonic Technologies BA6220 Datasheet HTML 3Page - Unisonic Technologies BA6220 Datasheet HTML 4Page - Unisonic Technologies BA6220 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BA6220
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R109-001,C
GENERAL USE ELECTRONIC
GOVERNOR
DESCRIPTION
The UTC BA6220 is a monolithic integrated circuit, developed for
speed control of general use DC motors.
FEATURES
* Wide range of working power supply voltage range
(VCC= 3.5V - 16V).
* Very large starting torque at the low voltage.
* Large permissible loss due to effective utilization of substrate
radiation.
* Usable for various DC motors by means of changing constants of
the external components.
APPLICATION
* Radio cassette tape recorders
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
BA6220L-D08-T
BA6220G-D08-T
DIP-8
Tube
BA6220L-S08-R
BA6220G-S08-R
SOP-8
Tape Reel
BA6220L-S08-T
BA6220G-S08-T
SOP-8
Tube


Similar Part No. - BA6220

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6220 ROHM-BA6220 Datasheet
43Kb / 3P
General use electronic governor
logo
Unisonic Technologies
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220 UTC-BA6220 Datasheet
190Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220-D08-T UTC-BA6220-D08-T Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220-S08-R UTC-BA6220-S08-R Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
More results

Similar Description - BA6220

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6220 ROHM-BA6220 Datasheet
43Kb / 3P
General use electronic governor
BA6235F ROHM-BA6235F Datasheet
38Kb / 3P
3V electronic governor
logo
Sanyo Semicon Device
2SA1703 SANYO-2SA1703 Datasheet
107Kb / 4P
Low-Frequency Amp, Electronic Governor Applications??????
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
KEC(Korea Electronics)
KTB598 KEC-KTB598 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR)
KTC3531T KEC-KTC3531T Datasheet
73Kb / 2P
LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR APPLICATIONS
logo
Sanyo Semicon Device
2SB544 SANYO-2SB544 Datasheet
445Kb / 5P
Low-Frequency Power Amp, Electronic Governor Applications
logo
Wuxi Youda electronics ...
YD6220 YOUDA-YD6220 Datasheet
134Kb / 3P
GENERAL USE ELECTRONIC GOVERNOR
logo
Unisonic Technologies
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220 UTC-BA6220_15 Datasheet
190Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com