Electronic Components Datasheet Search
  English  ▼

X  

UC3551L-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3551L-AG6-R
Description  ADVANCED PWM STEP-UP DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3551L-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3551L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UC3551
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-555.a
TEST CIRCUIT
L1
EN
VDD
LX
GND
UTC UC3551
R2
1M
3.3~10µH
FB
EXT
EXT
CIN
100µF
D1
D1N5819
C2
1µF
C1
102
R1
3M
COUT
100µF
VOUT
VIN
TYPICAL APPLICATION CIRCUIT
L1
EN
VDD
LX
GND
UTC UC3551
R2
1M
3.3~10µH
FB
EXT
EXT
CIN
100µF
D1
D1N5819
C2
1µF
C1
102
R1
3M
COUT
100µF
VOUT
VIN
L1
EN
VDD
LX
GND
UTC UC3551
R2
1M
3.3~10µH
FB
EXT
CIN
100µF
D1
D1N5819
C2
1µF
C1
102
R1
3M
COUT
100µF
VOUT
VIN
M1
NMOS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com